Part Number Hot Search : 
M8403 TP3E157 74AC12 TC400 B80N06 MC68HC9 0015474 2SA1411
Product Description
Full Text Search
 

To Download AB-143TY-12V0-G40-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
14 LAMPS LED BULB
Data Sheet
Description: These 14 lamps LED Bulbs are specifically designed for flashlight electric equipment, indicator light switch and where a wide view angle. The 3mm round shaped radiation pattern (55) and high luminous intensity ensure that these devices are excellent for wide field of view outdoor applications where a wide viewing angle and readability in sunlight are essential.
Feature: Wide view angle High efficiency LED High luminous output materials are used in this Seven kind color Bulb. Every lamp is made with an Solid-state Vibration advanced optical grade resistant Saving power epoxy offering superior Long life high shock and high temperature resistance in outdoor applications. Option: 12V AC/DC Other industry standard base
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.
A-BRIGHT 1
10/31/2006
A - B RI G H T
PACKAGE DIMENSIONS:
A-BRIGHT INDUSTRIAL CO., LTD.
14 Lamps LED Bulb
Part No.: AB-143TY-12V0-G40-B
NOTE:
1.All dimensions are in millimeter. 2.Bulb base : G4. 3.All tolerance are 0.5mm.
A-BRIGHT 2
10/31/2006
A - B RI G H T
FEATURE:
A-BRIGHT INDUSTRIAL CO., LTD.
14 Lamps LED Bulb
Part No.: AB-143TY-12V0-G40-B
SUPER LUMINOSITY YELLOW LED (AlGaInP). WATER CLEAR PACKAGE. 3mm ALL RESIN MOLD. WIDE VIEWING ANGLE. BASE MODEL G4. ELECTRIC AC/DC BI-POLAR.
ABSOLUTE MAXIMUM RATING:
Ta = 25 20 TO 80 40 TO 80 50000 HOURS (LUMINANCE REDUCES to 50%)
OPERATING TEMPERATURE...................... STORAGE TEMPERATURE......................... LED BULB LIFE......................................
ABSOLUTE OPTICAL CHARACTERISTIC
Ta= 25
* Lamp house Material/Parameter
Dominant Spec LED Diameter Number Emitting Color Wavelength Min. -- Typ. 590 Max. -- Luminous Intensity Min. 1500 Typ. 2500 Forward Voltage Typ. 2.3 Max. 2.6 View Angle Typ. 55
LED
O3 Round
14
Yellow
A-BRIGHT 3
10/31/2006
A - B RI G H T
A-BRIGHT INDUSTRIAL CO., LTD.
14 Lamps LED Bulb
Part No.: AB-143TY-12V0-G40-B * Finished Product Parameter
Characteristics Power Dissipation Input Current Input Voltage Luminous Flux Operating Voltage Symbol PD (AC/DC) (AC/DC) LM (AC/DC) MIN.
TYP. 1.0 40 12 14 12
MAX. 14 14
Unit W mA V LM V
A-BRIGHT 4
10/31/2006


▲Up To Search▲   

 
Price & Availability of AB-143TY-12V0-G40-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X